Part Number Hot Search : 
C945C 20501 NTE4951 FE0601 CDP1857C DTB163TS CY7C104 SLD104AV
Product Description
Full Text Search
 

To Download IXFH12N100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2011 ixys corporation, all rights reserved ds99920b(03/11) v dss = 1000v i d25 = 12a r ds(on) 1.05 t rr 300ns n-channel enhancement mode avalanche rated fast intrinsic rectifier symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1000 v v dgr t j = 25 c to 150 c, r gs = 1m 1000 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c12a i dm t c = 25 c, pulse width limited by t jm 24 a i ar t c = 25 c6a e as t c = 25 c 750 mj dv/dt i s i dm , v dd v dss ,t j 150 c 15 v/ns p d t c = 25 c 463 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus220) 11..65/2.5..14.6 n/lb. weight to-247 6 g plus220 types 4 g IXFH12N100P ixfv12n100p ixfv12n100ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 1000 v v gs(th) v ds = v gs , i d = 1ma 3.5 6.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss , v gs = 0v 20 a t j = 125 c 1.0 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 1.05 polar tm hiperfet tm power mosfets features z low r ds(on) and q g z avalanche rated z low package inductance z fast intrinsic rectifier advantages z high power density z easy to mount z space savings applications z switch-mode and resonant-mode power supplies z dc-dc converters z laser drivers z ac and dc motor drives z robotics and servo controls plus220 (ixfv) g d s d (tab) plus220smd (ixfv_s) g s g = gate d = drain s = source tab = drain to-247 (ixfh) d (tab) g s d d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. IXFH12N100P ixfv12n100p ixfv12n100ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 4.8 8.8 s r gi gate input resistance 1.9 c iss 4080 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 246 pf c rss 40 pf t d(on) 30 ns t r 25 ns t d(off) 60 ns t f 36 ns q g(on) 80 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 24 nc q gd 35 nc r thjc 0.27 c/w r thcs (to-247&plus220) 0.25 c/w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 12 a i sm repetitive, pulse width limited by t jm 48 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 300 ns q rm 0.8 c i rm 7.9 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s, duty cycle, d 2%. i f = 6a, -di/dt = 100a/ s v r = 100v, v gs = 0v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 (external) plus220 outline plus220smd outline e ? p to-247 outline 1 2 3 terminals: 1 - gate 2 - drain 3 - source dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc
? 2011 ixys corporation, all rights reserved IXFH12N100P ixfv12n100p ixfv12n100ps fig. 1. output characteristics @ t j = 25oc 0 2 4 6 8 10 12 0123456789101112 v ds - volts i d - amperes v gs = 10v 8v 5v 7v 6v fig. 2. extended output characteristics @ t j = 25oc 0 4 8 12 16 20 24 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 8v 7v 6v 5v fig. 3. output characteristics @ t j = 125oc 0 2 4 6 8 10 12 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 6a value vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 12a i d = 6a fig. 5. r ds(on) normalized to i d = 6a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 2 4 6 8 1012141618202224 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 2 4 6 8 10 12 14 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. IXFH12N100P ixfv12n100p ixfv12n100ps ixys ref: f_12n100p(75-744)4-01-08-a fig. 7. input admittance 0 2 4 6 8 10 12 14 16 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 2 4 6 8 10 12 14 16 18 0 2 4 6 8 10 12 14 16 18 i d - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 9. forward voltage drop of intrinsic diode 0 5 10 15 20 25 30 35 40 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 2 4 6 8 10 12 14 16 0 102030405060708090100110 q g - nanocoulombs v gs - volts v ds = 500v i d = 6a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFH12N100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X